PART |
Description |
Maker |
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100EP35DR2 MC100EP33D NB100LVEP17MN |
3.3V / 5V ECL JK Flip Flop 3.3V / 5V ECL ÷4 Divider 2.5 V / 3.3 V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
MC10H68006 MC10H680FNR2G MC100H680 MC100H680FN MC1 |
Quad Bus TRS/Rectifier ECL Differential; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 QUAD TTL TO ECL TRANSCEIVER, COMPLEMENTARY OUTPUT, PQCC28 4−Bit Differential ECL Bus to TTL Bus Transceiver
|
ONSEMI[ON Semiconductor]
|
NB100LVEP221FAR2 NB100LVEP221 NB100LVEP221FA NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver 2.5V/3.3V:20差分HSTL / ECL / PECL的时钟驱动器
|
ONSEMI[ON Semiconductor]
|
AZHEL11 AZM100EL11 AZ100EL11D |
ECL/PECL 1:2 Differential Fanout Buffer ECL / PECL的差:2扇出缓冲
|
Electronic Theatre Controls, Inc. ETC
|
MC100EL51DG MC100EL51DR2G MC100EL51DT MC100EL51DTG |
5V ECL Differential Clock D Flip-Flop 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, DSO8 5V ECL Differential Clock D Flip-Flop 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8 5V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8 5V ECL Differential Clock D Flip-Flop(5V ECL 差分时钟D触发
|
ONSEMI[ON Semiconductor]
|
ICS853006AGT ICS853006 ICS853006AG |
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER DIFFERENTIAL-TO-2.5V/3.3V的LVPECL / ECL扇出缓冲
|
ICST[Integrated Circuit Systems] Integrated Circuit Solution Inc
|
AZ100LVE111E |
ECL/PECL 1:9 Differential Clock Driver with Enable ECL / PECL:9差分时钟驱动器,带有启用
|
Arizona Microtek, Inc.
|
AZ100LVE111FN |
ECL/PECL 1:9 Differential Clock Driver ECL / PECL:9差分时钟驱动
|
Arizona Microtek, Inc.
|